Part Number Hot Search : 
MCR100 L6574D 74VCX1 SCXXX A8581 12S05 12S05 BAT75008
Product Description
Full Text Search
 

To Download REC22-2405SRW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
REC2.2-SRW Series, 2.2W, DIP24, Regulated, Wide Input Range 2:1 (Single Output) Features

2.2W DIP Package Short Circuit Protection Cost Effective No Extern. Components Required Regulated Output

Typical Efficiency 75% 100% Burned In Industry Standard Package UL94V-0 Package Material
Selection Guide
Part Number DIP24 REC2.2-1205SRW REC2.2-1212SRW REC2.2-1215SRW REC2.2-1224SRW REC2.2-2405SRW REC2.2-2412SRW REC2.2-2415SRW REC2.2-2424SRW REC2.2-4805SRW REC2.2-4812SRW REC2.2-4815SRW REC2.2-4824SRW Input Voltage (VDC) 9 - 18 9 - 18 9 - 18 9 - 18 18 -36 18 - 36 18 - 36 18 - 36 36 - 72 36 - 72 36 - 72 36 - 72 Output Voltage (VDC) 5 12 15 24 5 12 15 24 5 12 15 24 Output Current (mA) 440 183 147 92 440 183 147 92 440 183 147 92 Efficiency (%) 75 77 80 82 79 83 83 82 78 83 83 82
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Output Accuracy Line Voltage Regulation (10% - 100% Full Load) Output Power Load Voltage Regulation (10% - 100% Full Load) Ripple and Noise (20MHz limited) Efficiency at Full Load Isolation Voltage Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Selection Table 1% typ. 0.1% typ. 2.2 Watt max. 0.2% typ. 50mVp-p max. up to 83% 1000VDC min. Continuous 85kHz min. -40C to +85C (see Graph) -55C to +125C
Output Power (Watts) 3.3 2.2 Safe Operating Area 1.1 0 -40 0 50 100 125 150 85 Operating Temperature C 4.4
www.recom-international.com
August 2002
EC 67
ECONOLINE - DC/DC-Converter
REC2.2-SRW Series, 2.2W, DIP24, Regulated, Wide Input Range 2:1 (Single Output) Package Style and Pinning (mm)
24 PIN DIP Package
3rd angle projection
Top View
+Vin 1 24
32.20 max.
20.32 max.
REC2.2-1205SRW RECOM ****
10 11 - Vin 12
15 -Vout 14 +Vout 13
12.70 max.
3.05 min.
2.0
22.86 typ. 2.54
15.24 0.51 typ.
Recommended Footprint Details
2.54
2.54
1.00 o+0.15/-0
XX.X 0.5 mm XX.XX 0.25 mm
EC 68
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of REC22-2405SRW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X